PART |
Description |
Maker |
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
MAAD-007080-000100 MAAD-007080-0001TB MAAD-007080- |
0 MHz - 2400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 6 dB INSERTION LOSS-MAX Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
|
Tyco Electronics
|
HD7407P HD7400 HD7460 |
TTL HD74 Series TTL HD74/HD74S Series IC,LOGIC GATE,HEX BUFFER,STD-TTL,DIP,14PIN,PLASTIC
|
Renesas Technology / Hitachi Semiconductor Renesas Electronics Corporation
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
836BN-0093Z 836BN-0085Z 836BN-0110Z 836BN-0078Z 83 |
Variable Coils for Surface Mounting UNSHIELDED, VARIABLE INDUCTOR, SMD
|
TOKO, Inc. TOKO INC
|
100393QC 100393 100393QCX |
Low Power 9-Bit ECL-to-TTL Translator with Latches From old datasheet system ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
F292CNS-T1056Z |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
F600BNS-8031Z F600GNS-8065Z F600BNS-8032Z F600BNS- |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO Inc. TOKO, Inc.
|
165-05A06S 164-04A06 165-04A06S |
NOT RoHS. RF inductor, tunable, aluminum core, shielded (add 'L' for compliant version) SHIELDED, 0.043 uH - 0.05 uH, VARIABLE INDUCTOR UNSHIELDED, 0.052 uH - 0.077 uH, VARIABLE INDUCTOR SHIELDED, 0.035 uH - 0.041 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
|